photosensor modules h9305 series information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?015 hamamatsu photoni cs k.k. subject to local technical requirements and regulations, availability of products included in this promotional material may var y. please consult with our sales office. overview product variations the h9305 series photosensor modules contain a high-voltage power supply circuit and a 13-mm (1/2") diameter side-on photomultiplier tube in a compact aluminum housing. its photocathode has a reflection mode that delivers high quantum efficiency at wavelengths above 600 nm, an adequate gain of up to 10 7 and fast time response. flexible cables are used for easy installation in equipment. this product can't be used at vacuum environment or reduced pressure environment. please pay attention when the h9305 series is used for measuring the light below 190 nm. type no. h9305-01 h9305-02 h9305-03 h9305-13 h9305-04 h9305-05 185 nm to 750 nm 185 nm to 900 nm 185 nm to 900 nm 185 nm to 900 nm 185 nm to 830 nm 185 nm to 650 nm high sensitivity in uv to visible range for general applications in uv to near ir range high sensitivity in uv to near ir range high sensitivity in uv to near ir range, higher sensitivity in near ir range than -03 low dark current in uv to near ir range for general applications in uv to visible range spectral response bialkali multialkali multialkali multialkali multialkali bialkali photocathode uv glass uv glass uv glass uv glass uv glass uv glass window material features figure 1: typical spectral response tpmob0138eb tpmob0139ec wavelength (nm) cathode radiant sensitivity (ma/w) 1000 100 200 300 400 500 600 700 800 900 100 10 1 0.1 h9305-04 h9305-02 h9305-03 h9305-13 wavelength (nm) cathode radiant sensitivity (ma/w) 1000 100 200 300 400 500 600 700 800 900 100 10 1 0.1 h9305-01 h9305-05
photosensor modules h9305 series specifications figure 2: schematic diagram *1: input voltage = +15 v, control voltage = +1.0 v, dark current output *2: control voltage = +1.0 v *3: measured at the peak sensitivity wavelength *4: after 30 minutes storage in darkness *5: cable rg-174/u, cable length 450 mm, load resistance = 1 m ?, load capacitance = 22 pf *6: the time required for the output to reach a stable level following a change in the control voltage from +1.0 v to +0.5 v. *7: no condensation parameter h9305 series input voltage max. input voltage max. input current * 1 max. output signal current * 2 max. control voltage recommended control voltage adjustment range effective area peak sensitivity wavelength rise time * 2 ripple noise * 2 * 5 (peak to peak) settling time * 6 operating ambient temperature * 7 storage temperature * 7 weight 450 350 500 0.4 105 1000 2000 4.2 10 5 2 10 +11.5 to +15.5 +18 7 10 +1.2 (input impedance : 1 m ? ) +0.25 to +1.0 (input impedance : 1 m ? ) 3.7 13.0 1.4 0.5 10 +5 to +50 -20 to +50 110 420 80 120 10 90 100 700 5.2 10 5 1 10 400 200 300 0.3 77 400 1200 3.1 10 5 1 10 530 140 200 0.15 70 300 700 2.5 10 5 0.1 1 suffix -03 -01 -02 -04 450 620 650 15 0.43 109 400 2600 4.3 10 5 3 10 -13 -05 340 20 40 5 48 50 300 3.6 10 5 0.5 5 unit v v ma a v v mm nm a/lm ma/w a/lm a/w na ns mv s c c g luminous sensitivity blue sensitivity index (cs 5-58) red/white ratio radiant sensitivity * 3 luminous sensitivity * 2 radiant sensitivity * 2 * 3 dark current * 2 * 4 min. ty p. ty p. ty p. ty p. min. ty p. ty p. ty p. max. ty p. max. max. cathode anode (at +25 c) high voltage power supply circuit signal output (current output) low voltage input (+15 v) gnd vref output (+1.2 v) vcont input (+0.25 v to +1.0 v) (input impedance: 1 m ? )
figure 3: sensitivity adjustment method figure 4: gain figure 5: output signal current vs. input current tpmob0261ea +15 v gnd +15 v gnd coaxial cable (signal output) low voltage input (red) gnd (black) vref output (blue) vcont input (white) resistance programming photosensor module power supply power supply photosensor module +0.25 v to +1.0 v voltage programming coaxial cable (signal output) low voltage input (red) gnd (black) vref output (blue) vcont input (white) potentiometer (10 k ?) monitor cw electrically insulate the reference voltage output. adjust the control voltage to adjust the sensitivity. when using a potentiometer, adjust sensitivity while monitoring the control voltage so it does not exceed +1.2 v. gnd tpmoc0146ed 02 1 2 3 4 5 6 7 46 output signal current ( a) input current (ma) 81012 vcont=+1.0 v vcont=+0.5 v vcont=+0.25 v figure 6: ripple noise tpmob0262ea figure 7: dc linearity tpmob0263ea figure 8: pulse linearity tpmob0264ea 0.01 0.1 -40 -30 -20 -10 0 10 20 110 current (ma) deviation (%) 100 vcont=+1.0 v vcont=+0.5 v vcont=+0.25 v pulse width: 500 ns repetition rate: 1 khz 1 ( s/div.) output (1 mv/div.) load resistance: 1 m ? 0.01 0.1 -40 -30 -20 -10 0 10 20 110 current ( a) deviation (%) 100 vcont=+1.0 v vcont=+0.5 v vcont=+0.25 v tpmob0140eg control voltage (v) gain 10 7 10 8 10 6 10 5 10 4 10 3 10 2 0.25 0.5 1.1 0.8 0.9 1.2 0.3 0.4 0.6 0.7 1.0 -05 -01 -02/-03/-13 -04
tpmo1065e01 jun. 2015. ip figure 9: dimensional outlines (unit: mm) photosensor modules h9305 series hamamatsu photonics k.k. hamamatsu photonics k.k., electron tube division 314-5, shimokanzo, iwata city, shizuoka pref., 438-0193, japan, telephone: (81)539/62-5248, fax: (81)539/62-2205 www.hamamatsu.com u.s.a.: hamamatsu corporation: 360 foothill road, bridgewater. n.j. 08807-0910, u.s.a., telephone: (1)908-231-0960, fax: (1)908-231-12 18 e-mail: usa@hamamatsu.com germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49)8152-375-0, fa x: (49)8152-2658 e-mail: info@hamamatsu.de france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, telephone: (3 3)1 69 53 71 00, fax: (33)1 69 53 71 10 e-mail: infos@hamamatsu.fr united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, united kingdom, tele phone: (44)1707-294888, fax: (44)1707-325777 e-mail: info@hamamatsu.co.uk north europe: hamamatsu photonics norden ab: torshamnsgatan 35 se-164 40 kista, sweden, telephone: (46)8-509-031-00, fax: (46)8-509-031-01 e -mail: info@hamamatsu.se italy: hamamatsu photonics italia s.r.l.: strada della moia, 1 int. 6, 20020 arese (milano), italy, telephone: (39)02-93581733, fax: (39)02-93581741 e-mail: info@hamamatsu.it china: hamamatsu photonics (china) co., ltd.: b1201 jiaming center, no.27 dongsanhuan beilu, chaoyang district, beijing 100020, china , telephone: (86)10-6586-6006, fax: (86)10-6586-2866 e-mail: hpc@hamamatsu.com.cn tpmoa0013eh tpmoa0018ee details of input window top view front view 8.8 6.0 1.5 photocathode window 9 7 16 13 18 20.5 7 3.7 9 window effective area (3.7 13.0 min.) low voltage input (+15 v) gnd vref output (+1.2 v) vcont input (+0.25 v to +1.0 v) signal output : awg26 (red) : awg26 (black) : awg26 (blue) : awg26 (white) : rg-174/u 19.7 effective area (3.7 13.0 min.) 49.0 0.5 2.1 11.7 0.2 front view mounting threaded hole (4-m2 depth: 4) 19.0 0.5 window (7 16) 53.2 0.5 50.8 0.5 450 20 side view 8.8 photocathode related product power supply for photomultiplier tube modules c7169 output voltage output current control voltage a (variable voltage range) terminal connection method input voltage operating ambient temperature dimensions (w h d) b weight max. 15 0.3 (+15 v), 0.2 (-15 v) +0.25 to +1.8 binding post ac100 to ac240 +5 to +50 147 61 200 approx. 1.2 description / value v a v v c mm kg unit parameter note: the c7169 is the power supply for photomultiplier tube modules which has 15 v input voltage. this unit can provide both the driving voltage and the control voltage. this feature enables users to operate the modules easily. a adjust within the recommended control voltage range for the photomultiplier tube module being used. b excluding protuberance
|